Part Number Hot Search : 
30MD61 CRB32E1 LTC4065L 2SA854S 30P124 245W042 GM9015 WRB1215
Product Description
Full Text Search
 

To Download CVA2407T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Triple CRT Driver
CORPORATION
Preliminary Product Information
CVA2407T
FEATURES DESCRIPTION The CVA2407T contains three high impedance, wideband amplifiers, designed specifically to drive a CRT. The device can drive monitors with resolutions up to 1280 x 1024 (non-interlaced) with pixel frequencies of 220MHz. The product is housed in the industry standard 11 lead TO-220 molded power package. ORDERING INFORMATION Part CVA2407T Package T11A Temperature -20oC to +100oC
* * * *
Rise/Fall Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0ns Swing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65VP-P Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V
APPLICATIONS CRT driver for up to 88kHz monitors with resolution up to 1280 x 1024.
CONNECTION DIAGRAM
VCC 6
11 10 9 8 7 6 5 4 3 2 1 GND VOUT 1 GND VCC VOUT 3 VIN 1 VBIAS
VIN 2
VIN 3 GND
VO 1,3,5
VBIAS
VOUT 2
10
VIN 11,9,8
TOP VIEW T11A PACKAGE
1L-38
1T-18B
7,4,2,TAB
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA2407T
CORPORATION
ABSOLUTE MAXIMUM RATINGS Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16W Storage Temperature . . . . . . . . . . . . . . . . . . . -25oC to +125oC Operating Temperature . . . . . . . . . . . . . . . . . -20oC to +100oC Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300oC
DC ELECTRICAL CHARACTERISTICS Vs = 80V, DCINPUT BIAS = 12V, VIN = 2.4V, TCASE = +25oC. See Figure 1.
SYMBOL Icc VOUT DC Av CHARACTERISTICS Supply Current @ 1MHz Output DC Level Voltage Gain Gain Matching 45 13 MIN TYP 28 50 15 0.2 55 17 MAX UNITS mA V V dB
AC ELECTRICAL CHARACTERISTICS Vs = 80V, CL = 8pF, DCINPUT BIAS = 12V, VIN = 2.4V, VOUT = 50Vp-p. TCASE = +25oC. See Figure 1.
SYMBOL Tr Tf Le OS Rise Time Fall Time Linearity Overshoot CHARACTERISTICS MIN TYP 4 4 5 5 MAX UNITS ns ns % %
FIGURE 1. TEST CIRCUIT
VCC
C3
6
C4
VBIAS
C1 C2
D1 VOUT 1,3,5 D2 TEKTRONIX FET PROBE MODEL 6201 (CAP. 1.5pF)
10 CVA2407T VIN 7,4,2
C6
VIDEO 11,9,8 INPUT
GND,TAB
C1 = 0.01mF C2 = 100mF C3 = 0.1mF
C4 = 100mF C6 = 8pF
D1, D2 = FHD400
1L-40
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA2407T
CORPORATION
FIGURE 2. APPLICATION CIRCUIT
VCC
C3
VBIAS C1 R3 10 C2 CVA2407T 6 D1 VOUT 1,3,5 C5 7,4,2 D2 DC BIAS
C4
L
VIN VIDEO 11,9,8 INPUT
R4 R5 SPARK GAP
GND,TAB
R3 = 47W R4 = 47(1/2W)W R7 = 33W R8 = 39W R10 = 680W
C1 = 0.01mF C2 = 100mF C3 = 0.1mF C4 = 100mF C5 = 2.2mF
D1, D2 = FHD400 L = 330 - 390nH
1L-41
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


▲Up To Search▲   

 
Price & Availability of CVA2407T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X